Part Number Hot Search : 
IRGB40 68HC1 74AC08PC 74AC08PC 3KP220CA 70N1T FR120 97ARL
Product Description
Full Text Search
 

To Download 125293U020AJ1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 125 -55 C to +125 C, Ultra-High Temperature, Military Grade
The Pace-Setter for Long Life and High Temperature
Exceeding the requirements of military aluminum electrolytic large can capacitors, the Type 125 performs in the most demanding filter applications delivering the longest life and the lowest leakage in low-voltage, aluminum-electrolytic capacitors. It's the choice for output capacitors in high temperature and military power supplies.
Highlights
* * * * * Now 5000 hour load life Ripple Current to 50 amps ESRs to 4m >90% capacitance at -40 C Operates at +125 C
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current: Cold Impedance: Ripple Current Multipliers: -55 C to +125 C 5 to 40 Vdc 2600 F to 190,000 F -10 +75% 0.003 CV A @ +25 C; 0.009 CV @ +125C -55 C Multiple of +25 C Z 2
Ambient Temperature 1.80 1.63 1.45 +45 C +55 C +65 C +75 C +85 C 95 C 1.25 1.00 0.87 Frequency 50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & Up 0.85 0.87 1.00 1.10 1.22 1.32 1.33 105 C 0.71
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
EIA Ripple Life: 5,000 h at full load @ 85 C per EIA IS-749 Capacitance 20% ESR 200% of limit DCL 100% of limit Life Test: 5,000 h at +125C and rated voltage Capacitance 20% ESR 200% of limit DCL 100% of limit Shelf Life: 500 h @ 105 VC, capacitance, ESR and DCL, initial requirements Vibration: 10 to 55 Hz, 0.06" and 10 g max, 1.5 h each of 2 axis
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 125 -55 C to +125 C, Ultra-High Temperature, Military Grade
Outline Drawing
Terminal Dimensions
Post Diameter Terminal Style Low Post High Post Code A B in mm 0.314 8.0 0.314 8.0
H max in mm Thread 0.094 2.4 0.281 7.1
min Full Thread in mm 5.5 9.5 10-32 0.218 10-32 0.375
Torque in*lb 25 25 N*m 2.82 2.82
Case Dimensions
Uninsulated Case Dimensions
For insulated case, add 0.024" (0.610 mm) to "D" and 0.030" (0.762 mm) to height. Case Code AK AA AH AB AJ AC AD AE AF Diam. (D) .031 Inches 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 .78 mm 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 Length (L) .062 Inches 1.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 1.57 mm 41.28 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 Terminals (S) 0.015 Inches 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 .78 mm 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 12.7 Typical Weight oz 1.9 2.0 2.7 3.3 3.8 4.4 5.1 5.7 6.4 g 54 57 77 94 108 125 145 193 230
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 125 -55 C to +125 C, Ultra-High Temperature, Military Grade
Part Numbering System
125 Type 333 Capacitance 100 = 10 F 101 = 100 F U Tolerance U = -10% +75% 7R5 Voltage 6R3 = 6.3 Vdc 063 = 63 Vdc 100 = 100 Vdc AA Case Code See Ratings Table 1 Insulation 0 = None 1 = Polyester B Terminal A = Low Post B = High Post
Typical Performance Curves
10 Impedance vs. Frequency - 14,000 F 7.5 Vdc 10 Impedance vs. Frequency - 5700 F 40 Vdc
1.0 Impedance () Impedance ()
1.0
0.1
0.1
0.01
0.01
0.001 100
1000
10k 100k Frequency (Hz)
1M
10M
0.001 100
1000
10K 100K Frequency (Hz)
1M
10M
Type 125 Operating Life in Kilohours vs. Ripple Current
1000 45 C 55 C 100 65 C 75 C 85 C 10 105 C 95 C
Expedted Operating Life, kh
1
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Rated Ripple-Current Multiple
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type 125 -55 C to +125 C, Ultra-High Temperature, Military Grade
Ratings
ESR Max Catalog Cap F 25000 49000 65000 89000 110000 130000 150000 170000 190000 23000 38000 58000 72000 89000 110000 120000 140000 160000 20000 33000 48000 63000 78000 93000 110000 120000 140000 13000 22000 32000 41000 51000 61000 71000 81000 90000 10000 17000 24000 32000 40000 125253U005AK1B 125493U005AA1B 125653U005AH1B 125893U005AB1B 125114U005AJ1B 125134U005AC1B 125154U005AD1B 125174U005AE1B 125194U005AF1B 125233U6R3AK1B 125383U6R3AA1B 125583U6R3AH1B 125723U6R3AB1B 125893U6R3AJ1B 125114U6R3AC1B 125124U6R3AD1B 125144U6R3AE1B 125164U6R3AF1B 125203U7R5AK1B 125333U7R5AA1B 125483U7R5AH1B 125633U7R5AB1B 125783U7R5AJ1B 125933U7R5AC1B 125114U7R5AD1B 125124U7R5AE1B 125144U7R5AF1B 125133U12R5AK1B 125223U12R5AA1B 125323U12R5AH1B 125413U12R5AB1B 125513U12R5AJ1B 125613U12R5AC1B 125713U12R5AD1B 125813U12R5AE1B 125903U12R5AF1B 125103U015AK1B 125173U015AA1B 125243U015AH1B 125323U015AB1B 125403U015AJ1B 0.028 0.017 0.012 0.010 0.008 0.007 0.006 0.006 0.005 0.028 0.047 0.012 0.009 0.008 0.007 0.006 0.006 0.005 0.029 0.017 0.013 0.010 0.008 0.007 0.006 0.006 0.005 0.032 0.019 0.014 0.011 0.009 0.008 0.007 0.006 0.006 0.031 0.019 0.013 0.011 0.009 Part Number @ +25 C () 5Vdc (8 Vdc Surge) 0.022 0.013 0.010 0.008 0.006 0.006 0.005 0.005 0.004 0.022 0.013 0.009 0.008 0.006 0.006 0.005 0.005 0.004 0.022 0.013 0.010 0.008 0.006 0.006 0.005 0.005 0.004 0.022 0.014 0.010 0.008 0.007 0.006 0.005 0.005 0.004 0.021 0.013 0.01 0.008 0.006 10.3 17.2 21.0 24.0 26.1 28.2 29.3 30.6 30.7 11.3 17.2 21.0 24.0 26.1 28.2 29.6 30.6 30.7 11.8 16.8 20.4 23.4 25.7 27.5 28.8 30.2 30.2 11.6 15.7 19.2 21.9 24.1 25.9 27.2 28.5 28.8 11.1 15.2 18.6 21.2 23.4 15.5 21.0 25.4 28.5 31.0 32.9 34.1 35.3 35.1 15.5 21.0 25.4 28.5 31.0 32.9 34.0 35.3 35.1 15.5 20.9 25.2 28.5 30.9 32.9 34.0 35.3 35.3 15.2 20.6 25.0 28.2 30.6 32.4 33.7 35.0 34.7 14.4 19.5 23.7 26.8 29.2 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 2600 4600 6700 8800 11000 13000 15000 17000 19000 125262U040AK1B 125462U040AA1B 125672U040AH1B 125882U040AB1B 125113U040AJ1B 125133U040AC1B 125153U040AD1B 125173U040AE1B 125193U040AF1B 4000 7300 11000 14000 17000 20000 24000 27000 30000 125402U030AK1B 125732U030AA1B 125113U030AH1B 125143U030AB1B 125173U030AJ1B 125203U030AC1B 125243U030AD1B 125273U030AE1B 125303U030AF1B 5600 9300 14000 18000 22000 26000 30000 34000 39000 125562U025AK1B 125932U025AA1B 125143U025AH1B 125183U025AB1B 125223U025AJ1B 125263U025AC1B 125303U025AD1B 125343U025AE1B 125393U025AF1B 7000 12000 18000 24000 29000 35000 40000 46000 51000 125702U020AK1B 125123U020AA1B 125183U020AH1B 125243U020AB1B 125293U020AJ1B 125353U020AC1B 125403U020AD1B 125463U020AE1B 125513U020AF1B 47000 55000 62000 70000 125473U015AC1B 125553U015AD1B 125623U015AE1B 125703U015AF1B Ripple Max @ +85 C (Arms) Nominal Size D x L (Inches) Cap F 0.008 0.007 0.006 0.006 0.034 0.020 0.015 0.012 0.010 0.008 0.007 0.007 0.006 0.035 0.021 0.015 0.012 0.010 0.009 0.008 0.007 0.006 0.037 0.022 0.016 0.013 0.011 0.009 0.008 0.007 0.007 0.040 0.024 0.017 0.014 0.011 0.010 0.009 0.008 0.007 Catalog Part Number ESR Max @ +25 C 120 Hz 20 kHz () 15Vdc (25 Vdc Surge) 0.005 0.005 0.005 0.004 0.022 0.013 0.010 0.008 0.006 0.006 0.005 0.005 0.004 0.022 0.013 0.010 0.008 0.006 0.006 0.005 0.005 0.004 0.022 0.013 0.010 0.008 0.007 0.006 0.005 0.005 0.004 0.022 0.014 0.010 0.008 0.007 0.006 0.005 0.005 0.004 25.1 26.5 27.8 28.1 10.4 14.4 17.5 20.0 22.1 23.8 25.1 26.5 26.8 10.3 14.5 17.2 19.7 21.7 23.5 24.8 26.1 26.4 9.9 13.5 16.5 18.9 20.9 22.6 23.8 25.2 25.5 9.4 12.8 15.8 18.0 20.0 21.7 22.8 24.3 24.5 31.0 32.3 33.6 33.4 10.4 14.4 17.5 20.0 22.1 23.8 25.1 26.5 26.8 14.2 19.2 23.3 26.4 28.8 30.7 32.0 33.3 33.1 14.1 19 23.1 26.2 28.6 30.5 31.7 33 33 14.0 18.9 22.8 25.9 28.3 30.2 31.4 32.7 32.7 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/8 x 5 5/8 Ripple Max @ +85 C 120 Hz 20 kHz (Arms) Nominal Size D x L (Inches) 120 Hz 20 kHz 120 Hz 20 kHz
20Vdc (25 Vdc Surge)
6.3Vdc (10 Vdc Surge)
25Vdc (40 Vdc Surge)
7.5Vdc (12 Vdc Surge)
30Vdc (50 Vdc Surge)
12.5Vdc (20 Vdc Surge)
40Vdc (60 Vdc Surge)
15Vdc (25 Vdc Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 125293U020AJ1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X